Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download BFT92W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BFT92W PNP 4 GHz wideband transistor
Product specification File under Discrete Semiconductors, SC14 May 1994
Philips Semiconductors
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
FEATURES * High power gain * Gold metallization ensures excellent reliability * SOT323 (S-mini) package. APPLICATION It is intended as a general purpose transistor for wideband applications up to 2 GHz. DESCRIPTION Silicon PNP transistor in a plastic, SOT323 (S-mini) package. The BFT92W uses the same crystal as the SOT23 version, BFT92. PINNING
1
handbook, 2 columns
BFT92W
3
2
MBC870
PIN 1 2 3 base
DESCRIPTION emitter collector
Top view Marking code: W1.
Fig.1 SOT323.
QUICK REFERENCE DATA SYMBOL VCBO VCEO IC Ptot hFE Cre fT GUM F Tj Note 1. Ts is the temperature at the soldering point of the collector pin. PARAMETER collector-base voltage collector-emitter voltage collector current (DC) total power dissipation DC current gain feedback capacitance transition frequency up to Ts = 93 C; note 1 IC = -15 mA; VCE = -10 V IC = 0; VCB = -10 V; f = 1 MHz IC = -15 mA; VCE = -10 V; f = 500 MHz CONDITIONS open emitter open base - - - - 20 - - - - - MIN. - - - - 50 0.5 4 17 2.5 - TYP. MAX. -20 -15 -35 300 - - - - - 150 pF GHz dB dB C V V mA mW UNIT
maximum unilateral power gain IC = -15 mA; VCE = -10 V; f = 500 MHz; Tamb = 25 C noise figure junction temperature IC = -5 mA; VCE = -10 V; f = 500 MHz
May 1994
2
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VEBO IC Ptot Tstg Tj PARAMETER collector-base voltage collector-emitter voltage emitter-base voltage collector current (DC) total power dissipation storage temperature junction temperature up to Ts = 93 C; note 1 CONDITIONS open emitter open base open collector - - - - - -65 - MIN.
BFT92W
MAX. -20 -15 -2 -25 300 +150 150 V V V
UNIT
mA mW C C
THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER thermal resistance from junction to soldering point CONDITIONS up to Ts = 93 C; note 1 VALUE 190 UNIT K/W
Note to the "Limiting values" and "Thermal characteristics" 1. Ts is the temperature at the soldering point of the collector pin. CHARACTERISTICS Tj = 25 C (unless otherwise specified). SYMBOL ICBO hFE fT Cc Ce Cre GUM PARAMETER collector cut-off current DC current gain transition frequency collector capacitance emitter capacitance feedback capacitance maximum unilateral power gain; note 1 CONDITIONS IE = 0; VCB = -10 V IC = -15 mA; VCE = -10 V IC = -15 mA; VCE = -10 V; f = 500 MHz; Tamb = 25 C IE = ie = 0; VCB = -10 V; f = 1 MHz IC = ic = 0; VEB = -0.5 V; f = 1 MHz IC = 0; VCB = -10 V; f = 1 MHz IC = -15 mA; VCE = -10 V; f = 500 MHz; Tamb = 25 C IC = -15 mA; VCE = -10 V; f = 1 GHz; Tamb = 25 C F noise figure s = opt; IC = -5 mA; VCE = -10 V; f = 500 MHz s = opt; IC = -5 mA; VCE = -10 V; f = 1 GHz Note - 20 - - - - - - - - MIN. - 50 4 0.65 0.75 0.5 17 11 2.5 3 TYP. - - - - - - - - - GHz pF pF pF dB dB dB dB MAX. -50 UNIT nA
s 21 2 1. GUM is the maximum unilateral power gain, assuming s12 is zero. G UM = 10 log ------------------------------------------------------------ dB. ( 1 - s 11 2 ) ( 1 - s 22 2 )
May 1994
3
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
400 P tot (mW) 300
MLB540
60 h FE
MLB541
40
200
20 100
0 0 50 100 150 Ts 200 ( o C)
0 0 10 20 I C (mA) 30
VCE = -10 V; Tj = 25 C.
Fig.3 Fig.2 Power derating curve.
DC current gain as a function of collector current, typical values.
1 C re (pF) 0.8
MLB542
6 fT (GHz) 4 V CE = 10 V 5V
MLB543
0.6
0.4 2 0.2
0 0 4 8 12 16 20 VCB (V)
0 1 10 I C (mA) 10 2
IC = 0; f = 1 MHz.
f = 500 MHz; Tamb = 25 C.
Fig.4
Feedback capacitance as a function of collector-base voltage, typical values.
Fig.5
Transition frequency as a function of collector current, typical values.
May 1994
4
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
30 gain (dB) 20 MSG G UM
MLB544
30 gain (dB) 20
MLB545
MSG 10 10 G UM
0
0
10
20 I C (mA)
30
0
0
10
20 I C (mA)
30
f = 500 MHz; VCE = -10 V. MSG = maximum stable gain.
f = 1 GHz; VCE = -10 V. MSG = maximum stable gain.
Fig.6
Gain as a function of collector current, typical values.
Fig.7
Gain as a function of collector current, typical values.
50 gain (dB) 40 G UM 30 MSG
MLB546
50 gain (dB) 40 G UM MSG 30
MLB547
20
20
10 G max 0 10 102 103 f (MHz) 104
10 G max 0 10 102 103 f (MHz) 104
IC = -5 mA; VCE = -10 V. MSG = maximum stable gain.
IC = -15 mA; VCE = -10 V. MSG = maximum stable gain.
Fig.8
Gain as a function of frequency, typical values.
Fig.9
Gain as a function of frequency, typical values.
May 1994
5
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
90 o 1.0 1 135 o 0.5 2 45 o 0.8 0.6 0.4 0.2 180 o 0 0.2 0.5 1 2 40 MHz 0.2 5 5 0o 0
0.2
3 GHz
5
0.5 135 o 1
2
45 o
MLB548
1.0
90 o VCE = -10 V; IC = -15 mA.
Fig.10 Common emitter input reflection coefficient (s11), typical values.
90 o
135 o
45 o
180 o
40 MHz 50 40 30 20 10 3 GHz
0o
135 o
45 o
90 o VCE = -10 V; IC = -15 mA.
MLB549
Fig.11 Common emitter forward transmission coefficient (s21), typical values. May 1994 6
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
90 o
135 o
45 o
3 GHz
180 o
0.5
0.4
0.3
0.2
0.1 40 MHz
0o
135 o
45 o
90 o VCE = -10 V; IC = -15 mA.
MLB550
Fig.12 Common emitter reverse transmission coefficient (s12), typical values.
90 o 1.0 1 135 o 0.5 2 45 o 0.8 0.6 0.4 0.2 180 o 0 0.2 0.5 1 2 5 40 MHz 0o 0
0.2
5
0.2
3 GHz
5
0.5 135 o 1
2
45 o
MLB551
1.0
90 o VCE = -10 V; IC = -15 mA.
Fig.13 Common emitter output reflection coefficient (s22), typical values. May 1994 7
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
handbook, halfpage
6
MLB552
handbook, halfpage
6
MLB553
F (dB) 4
1 GHz 500 MHz
F (dB) 4
IC = 15 mA 10 mA 5 mA 2 mA
2
2
0 1 10 I C (mA)
10 2
0 10 2
10 3
f (MHz)
10 4
VCE = -10 V.
VCE = -10 V.
Fig.14 Minimum noise figure as a function of collector current, typical values.
Fig.15 Minimum noise figure as a function of frequency, typical values.
May 1994
8
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
BFT92W
90 o 1.0 1 135 o 0.5 2 45 o 0.8 0.6 0.4 0.2 2 F = 3 dB 0.2 F = 4 dB F = 5 dB 0.5 135 o 1
MLB554
0.2
F min = 2.5 dB opt
5
180 o
0
0.2
0.5
1
5
0o
0
5
2
45 o 1.0
90 o f = 500 MHz; VCE = -10 V; IC = -5 mA; Zo = 50 .
Fig.16 Common emitter noise figure circles, typical values.
90 o 1.0 1 135 o 0.5 2 45 o 0.8 0.6 F min = 3 dB opt 180 o 0.2 0.5 1 2 F = 3.5 dB F = 4 dB 0.2 F = 5 dB 5 5 0o 0.4 0.2 0
0.2
5
0
0.5 135 o 1
2
45 o
MLB555
1.0
90 o f = 1 GHz; VCE = -10 V; IC = -5 mA; Zo = 50 .
Fig.17 Common emitter noise figure circles, typical values.
May 1994
9
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
SPICE parameters for the BFT92W crystal SEQUENCE No. PARAMETER 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19(1) 20(1) 21(1) 22 23 24 25 26 27 28 29 30 31 32 33 34 35(1) IS BF NF VAF IKF ISE NE BR NR VAR IKR ISC NC RB IRB RBM RE RC XTB EG XTI CJE VJE MJE TF XTF VTF ITF PTF CJC VJC MJC XCJC TR CJS VALUE 437.5 33.58 1.009 23.39 99.53 87.05 1.943 4.947 1.002 3.903 5.281 35.88 1.393 5.000 1.000 5.000 1.000 10.00 0.000 1.110 3.000 746.6 600.0 0.357 17.49 1.354 155.6 1.000 45.00 937.1 396.4 0.200 0.106 8.422 0.000 UNIT aA - - V mA fA - - - V mA fA - A - eV - fF mV - ps - mV mA deg fF mV - - ns F Cbe Ccb Cce L1 L2 L3 LB LE List of components (see Fig.18) DESIGNATION 2 100 100 0.34 0.10 0.34 0.60 0.60 VALUE
QLB = 50; QLE = 50; QLB,E(f) = QLB,E(f/fc); fc = scaling frequency = 1 GHz.
E L3 L1 B LB B' E' LE C'
handbook, halfpage
BFT92W
SEQUENCE No. PARAMETER 36(1) 37(1) 38 Note VJS MJS FC
VALUE 750.0 0.000 0.768
UNIT mV - -
1. These parameters have not been extracted, the default values are shown.
C cb
L2 C
C be
Cce
MBC964
Fig.18 Package equivalent circuit SOT323.
UNIT fF fF fF nH nH nH nH nH
May 1994
10
Philips Semiconductors
Product specification
PNP 4 GHz wideband transistor
PACKAGE OUTLINE
BFT92W
handbook, full pagewidth
2.2 1.8
A
1.35 1.15
B
X
0.25 0.10 2.2 2.0 0.2 M B
3
0.2 1.0 0.8 0.1 0.0 1.1 max
1
0.65
0.40 0.30
2
0.2 M A detail X 0.3 0.1
MBC871
1.3
Dimensions in mm.
Fig.19 SOT323.
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale. May 1994 11 This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Philips Semiconductors - a worldwide company
Argentina: IEROD, Av. Juramento 1992 - 14.b, (1428) BUENOS AIRES, Tel. (541)786 7633, Fax. (541)786 9367 Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. (02)805 4455, Fax. (02)805 4466 Austria: Triester Str. 64, A-1101 WIEN, P.O. Box 213, Tel. (01)60 101-1236, Fax. (01)60 101-1211 Belgium: Postbus 90050, 5600 PB EINDHOVEN, The Netherlands, Tel. (31)40 783 749, Fax. (31)40 788 399 Brazil: Rua do Rocio 220 - 5th floor, Suite 51, CEP: 04552-903-SAO PAULO-SP, Brazil. P.O. Box 7383 (01064-970). Tel. (011)821-2327, Fax. (011)829-1849 Canada: INTEGRATED CIRCUITS: Tel. (800)234-7381, Fax. (708)296-8556 DISCRETE SEMICONDUCTORS: 601 Milner Ave, SCARBOROUGH, ONTARIO, M1B 1M8, Tel. (0416)292 5161 ext. 2336, Fax. (0416)292 4477 Chile: Av. Santa Maria 0760, SANTIAGO, Tel. (02)773 816, Fax. (02)777 6730 Colombia: IPRELENSO LTDA, Carrera 21 No. 56-17, 77621 BOGOTA, Tel. (571)249 7624/(571)217 4609, Fax. (571)217 4549 Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. (032)88 2636, Fax. (031)57 1949 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. (9)0-50261, Fax. (9)0-520971 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. (01)4099 6161, Fax. (01)4099 6427 Germany: PHILIPS COMPONENTS UB der Philips G.m.b.H., P.O. Box 10 63 23, 20043 HAMBURG, Tel. (040)3296-0, Fax. (040)3296 213. Greece: No. 15, 25th March Street, GR 17778 TAVROS, Tel. (01)4894 339/4894 911, Fax. (01)4814 240 Hong Kong: PHILIPS HONG KONG Ltd., Components Div., 6/F Philips Ind. Bldg., 24-28 Kung Yip St., KWAI CHUNG, N.T., Tel. (852)424 5121, Fax. (852)428 6729 India: Philips INDIA Ltd, Components Dept, Shivsagar Estate, A Block , Dr. Annie Besant Rd. Worli, Bombay 400 018 Tel. (022)4938 541, Fax. (022)4938 722 Indonesia: Philips House, Jalan H.R. Rasuna Said Kav. 3-4, P.O. Box 4252, JAKARTA 12950, Tel. (021)5201 122, Fax. (021)5205 189 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. (01)640 000, Fax. (01)640 200 Italy: PHILIPS COMPONENTS S.r.l., Viale F. Testi, 327, 20162 MILANO, Tel. (02)6752.3302, Fax. (02)6752 3300. Japan: Philips Bldg 13-37, Kohnan 2 -chome, Minato-ku, TOKYO 108, Tel. (03)3740 5028, Fax. (03)3740 0580 Korea: (Republic of) Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. (02)794-5011, Fax. (02)798-8022 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. (03)750 5214, Fax. (03)757 4880 Mexico: Philips Components, 5900 Gateway East, Suite 200, EL PASO, TX 79905, Tel. 9-5(800)234-7381, Fax. (708)296-8556 Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB Tel. (040)783749, Fax. (040)788399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. (09)849-4160, Fax. (09)849-7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. (022)74 8000, Fax. (022)74 8341 Pakistan: Philips Electrical Industries of Pakistan Ltd., Exchange Bldg. ST-2/A, Block 9, KDA Scheme 5, Clifton, KARACHI 75600, Tel. (021)587 4641-49, Fax. (021)577035/5874546. Philippines: PHILIPS SEMICONDUCTORS PHILIPPINES Inc, 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. (02)810 0161, Fax. (02)817 3474 Portugal: PHILIPS PORTUGUESA, S.A., Rua dr. Antonio Loureiro Borges 5, Arquiparque - Miraflores, Apartado 300, 2795 LINDA-A-VELHA, Tel. (01)14163160/4163333, Fax. (01)14163174/4163366. Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. (65)350 2000, Fax. (65)251 6500 South Africa: S.A. PHILIPS Pty Ltd., Components Division, 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. (011)470-5911, Fax. (011)470-5494. Spain: Balmes 22, 08007 BARCELONA, Tel. (03)301 6312, Fax. (03)301 42 43 Sweden: Kottbygatan 7, Akalla. S-164 85 STOCKHOLM, Tel. (0)8-632 2000, Fax. (0)8-632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. (01)488 2211, Fax. (01)481 77 30 Taiwan: PHILIPS TAIWAN Ltd., 23-30F, 66, Chung Hsiao West Road, Sec. 1. Taipeh, Taiwan ROC, P.O. Box 22978, TAIPEI 100, Tel. (02)388 7666, Fax. (02)382 4382. Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, Bangkok 10260, THAILAND, Tel. (662)398-0141, Fax. (662)398-3319. Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. (0 212)279 2770, Fax. (0212)269 3094 United Kingdom: Philips Semiconductors Limited, P.O. Box 65, Philips House, Torrington Place, LONDON, WC1E 7HD, Tel. (071)436 41 44, Fax. (071)323 03 42 United States: INTEGRATED CIRCUITS: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. (800)234-7381, Fax. (708)296-8556 DISCRETE SEMICONDUCTORS: 2001 West Blue Heron Blvd., P.O. Box 10330, RIVIERA BEACH, FLORIDA 33404, Tel. (800)447-3762 and (407)881-3200, Fax. (407)881-3300 Uruguay: Coronel Mora 433, MONTEVIDEO, Tel. (02)70-4044, Fax. (02)92 0601
For all other countries apply to: Philips Semiconductors, International Marketing and Sales, Building BAF-1, P.O. Box 218, 5600 MD, EINDHOVEN, The Netherlands, Telex 35000 phtcnl, Fax. +31-40-724825 SCD31 (c) Philips Electronics N.V. 1994
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
123065/1500/01/pp12 Document order number: Date of release: May 1994 9397 731 20011
Philips Semiconductors


▲Up To Search▲   

 
Price & Availability of BFT92W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X